PART |
Description |
Maker |
19221-0461 19221-0251 19221-0420 19221-0458 19221- |
CABLE LUG WIDE PAD (BCL-4516-WP) SPM COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):4/0; Stud Size:1/2 COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATTERY CABLE LUG PLTD (BCL-114-PL) SPM COPPER ALLOY, WIRE TERMINAL COMPRESSION LUG W PAD (BCL-438-WP) SPM COPPER ALLOY, WIRE TERMINAL COMP. LUG NARROW PD PLT (BCL-614-PL) COPPER ALLOY, WIRE TERMINAL Lug Solderless Terminal; Wire Size (AWG):2-0; Stud Size:#12 RoHS Compliant: Yes COPPER ALLOY, TIN FINISH, WIRE TERMINAL EXTRA WIDE PAD BCL (BCL-438-XWP) SPM COPPER ALLOY, WIRE TERMINAL Lug Solderless Terminal; Wire Size (AWG):1; Stud Size:#9 COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATTERY CABLE LUG (BCL-810) SPM COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):4; Stud Size:1/4 COPPER ALLOY, TIN FINISH, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):4/0; Stud Size:5/16 COPPER ALLOY, WIRE TERMINAL 4/0 LUG 1/2 STUD ID.625 UNPLTD SPM COPPER ALLOY, WIRE TERMINAL BATTERY CABLE LUG PLATED BCL-2014-PL SPM COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Molex, Inc. Optoway Technology, Inc.
|
1SV232 |
INLET, IEC, SWITCHED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
K6X4008C1F K6X4008C1F-B K6X4008C1F-BB55 K6X4008C1F |
48 RECP WIRE SPLICE BLUE PTSE CON 20 SKT (16-20) Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):6-4 RoHS Compliant: Yes 97-3102A18-1S Circular Connector; Body Material:Composite; Series:RADSOK; Number of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Connector Type:Circular; Gender:Receptacle; Wire Size (AWG):10-8 Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):10-8 RoHS Compliant: Yes 512Kx8 bit Low Power full CMOS Static RAM 512Kx8位充分的CMOS低功耗静态存储器 PTSE CON 20 SKT (16-20) 512Kx8位充分的CMOS低功耗静态存储器
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
711-4E 111-6E |
Rotary Tap Switch; Contact Current Max:7A; No. of Switch Positions:4; No. of Decks:1; Switch Terminals:Solder Lug/Quick Connect; Circuitry:4PST; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes Rotary Switch; No. of Switch Positions:6; Circuitry:6PST; Contact Current Max:15A; Indexing:30 ; Contact Rating:15A; Leaded Process Compatible:Yes; Mounting Type:Solder Lug; Peak Reflow Compatible (260 C):Yes
|
OHMITE MANUFACTURING CO
|
45560-0160 45560-0161 76650-0190 44828-1162 45593- |
Craddle Commector,SMT Right Angle Receptacle, Wire and PCB Termination Plug, IP-54 Rating
|
MolexKits
|
2-102393-8 6-102393-0 1-102393-2 |
ASSEMBLY, MASS TERMINATION, AMPMODU, DOUBLE ROW, .100 X .100 CL, #26-#30 AWG WIRE SIZE ASSEMBLY, MASS TERMINATION, AMPMODU DOUBLE ROW, .100 X .100 CL, #26-#30 AWG WIRE SIZE
|
Tyco Electronics
|
H2101A01 |
TERMINAL LUG
|
Harwin Plc
|
H2073Z01 |
TERMINAL LUG
|
Harwin Plc
|
H2072-01 |
TERMINAL LUG
|
Harwin Plc
|
3744A-0 3744A-02 3744A-2 |
Spade Lug to Banana Jack
|
Pomona Electronics
|
1614A-0 6203 |
Spade Lug to Insulated Banana Jack
|
Pomona Electronics http://
|
LCA2-38-Q |
COPPER LUG - ONE-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|